PART |
Description |
Maker |
IDT723674 |
CMOS SyncBiFIFO WITH BUS-MATCHING 与巴士的CMOS SyncBiFIFO -匹配
|
Integrated Device Technology, Inc.
|
72V3664L15PFG8 |
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING
|
Integrated Device Techn...
|
IDT72V3634L10PF IDT72V3634L15PF8 |
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2 512 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP128
|
INTEGRATED DEVICE TECHNOLOGY INC
|
IDT723672 IDT723672L12PF IDT723672L12PQF IDT723672 |
CMOS SyncBiFIFO
|
IDT[Integrated Device Technology]
|
SW-311-PIN |
Match GaAs SPST Switch, DC-3.0 GHz with TTL/CMOS Control Input
|
M/A-COM Technology Solutions, Inc.
|
IDT74LVCH16652 IDT74LVCH16652PV IDT74LVCH16652PA I |
3.3V CMOS 16-Bit Bus Registered Transceiver with 5.0V Tolerant I/O and Bus-Hold 3.3V CMOS 16-BIT BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, BUS-HOLD
|
IDT[Integrated Device Technology]
|
IDT72V3636 IDT72V3636L10PF IDT72V3636L15PF IDT72V3 |
1K x 36 x 2 Triple-Bus FIFO, 3.3V 3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2 From old datasheet system
|
IDT[Integrated Device Technology]
|
IDT723652L12PQF IDT723662L12PQF IDT723672L12PQF ID |
2K x 36 x 2 SyncBiFIFO, 5.0V 4K x 36 x 2 SyncBiFIFO, 5.0V 8K x 36 x 2 SyncBiFIFO, 5.0V
|
IDT
|
723612_DS_29454 IDT723612 IDT723612L15PF IDT723612 |
64 x 36 x 2 SyncBiFIFO, 5.0V From old datasheet system
|
IDT
|
IDT74ALVCHR162245 IDT74ALVCHR162245PV IDT74ALVCHR1 |
3.3V CMOS 16-Bit Bus Transceiver with 3-State Outputs and Bus-Hold 3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD Adjustable Precision Shunt Regulator 3-SOT-23 0 to 70 3.3VCMOS 16位总线收发器具有三态输出和总线状态保 Adjustable Precision Shunt Regulator 6-SC70 0 to 70 ALVC/VCX/A SERIES, DUAL 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO48
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT74ALVCH16501 |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|